Part Number Hot Search : 
TPQ5400 2SA1252 GRM155 8FE07 SAB9083H M13252DH 300N0 AN3404
Product Description
Full Text Search
 

To Download SST39VF3201-90-4I-EK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
SST39VF160x / 320x / 640x2.7V 16Mb / 32Mb / 64Mb (x16) MPF+ memories
Preliminary Specifications
FEATURES:
* Organized as 1M x16: SST39VF1601/1602 2M x16: SST39VF3201/3202 4M x16: SST39VF6401/6402 * Single Voltage Read and Write Operations - 2.7-3.6V * Superior Reliability - Endurance: 100,000 Cycles (Typical) - Greater than 100 years Data Retention * Low Power Consumption (typical values at 5 MHz) - Active Current: 9 mA (typical) - Standby Current: 3 A (typical) - Auto Low Power Mode: 3 A (typical) * Hardware Block-Protection/WP# Input Pin - Top Block-Protection (top 32 KWord) for SST39VF1602/3202/6402 - Bottom Block-Protection (bottom 32 KWord) for SST39VF1601/3201/6401 * Sector-Erase Capability - Uniform 2 KWord sectors * Block-Erase Capability - Uniform 32 KWord blocks * Chip-Erase Capability * Erase-Suspend/Erase-Resume Capabilities * Hardware Reset Pin (RST#) * Security-ID Feature - SST: 128 bits; User: 128 bits * Fast Read Access Time: - 70 ns - 90 ns * Latched Address and Data * Fast Erase and Word-Program: - Sector-Erase Time: 18 ms (typical) - Block-Erase Time: 18 ms (typical) - Chip-Erase Time: 40 ms (typical) - Word-Program Time: 7 s (typical) * Automatic Write Timing - Internal VPP Generation * End-of-Write Detection - Toggle Bits - Data# Polling * CMOS I/O Compatibility * JEDEC Standard - Flash EEPROM Pinouts and command sets * Packages Available - 48-lead TSOP (12mm x 20mm) - 48-ball TFBGA (6mm x 8mm) for 16M and 32M - 48-ball TFBGA (8mm x 10mm) for 64M
PRODUCT DESCRIPTION
The SST39VF160x/320x/640x devices are 1M x16, 2M x16, and 4M x16 respectively, CMOS Multi-Purpose Flash Plus (MPF+) manufactured with SST's proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST39VF160x/320x/640x write (Program or Erase) with a 2.7-3.6V power supply. These devices conform to JEDEC standard pinouts for x16 memories. Featuring high performance Word-Program, the SST39VF160x/320x/640x devices provide a typical WordProgram time of 7 sec. These devices use Toggle Bit or Data# Polling to indicate the completion of Program operation. To protect against inadvertent write, they have on-chip hardware and Software Data Protection schemes. Designed, manufactured, and tested for a wide spectrum of applications, these devices are offered with a guaranteed typical endurance of 100,000 cycles. Data retention is rated at greater than 100 years. The SST39VF160x/320x/640x devices are suited for applications that require convenient and economical updating of program, configuration, or data memory. For all system applications, they significantly improve performance and reliability, while lowering power consumption. They inherently use less energy during Erase and Program than alternative flash technologies. The total energy consumed is a function of the applied voltage, current, and time of application. Since for any given voltage range, the SuperFlash technology uses less current to program and has a shorter erase time, the total energy consumed during any Erase or Program operation is less than alternative flash technologies. These devices also improve flexibility while lowering the cost for program, data, and configuration storage applications. The SuperFlash technology provides fixed Erase and Program times, independent of the number of Erase/Program cycles that have occurred. Therefore the system software or hardware does not have to be modified or de-rated as is necessary with alternative flash technologies, whose Erase and Program times increase with accumulated Erase/Program cycles.
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc. MPF is a trademark of Silicon Storage Technology, Inc. These specifications are subject to change without notice.
(c)2003 Silicon Storage Technology, Inc. S71223-03-000 11/03 1
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications To meet high density, surface mount requirements, the SST39VF160x/320x/640x are offered in 48-lead TSOP and 48-ball TFBGA packages. See Figures 1 and 2 for pin assignments. first. The Program operation, once initiated, will be completed within 10 s. See Figures 4 and 5 for WE# and CE# controlled Program operation timing diagrams and Figure 19 for flowcharts. During the Program operation, the only valid reads are Data# Polling and Toggle Bit. During the internal Program operation, the host is free to perform additional tasks. Any commands issued during the internal Program operation are ignored. During the command sequence, WP# should be statically held high or low.
Device Operation
Commands are used to initiate the memory operation functions of the device. Commands are written to the device using standard microprocessor write sequences. A command is written by asserting WE# low while keeping CE# low. The address bus is latched on the falling edge of WE# or CE#, whichever occurs last. The data bus is latched on the rising edge of WE# or CE#, whichever occurs first. The SST39VF160x/320x/640x also have the Auto Low Power mode which puts the device in a near standby mode after data has been accessed with a valid Read operation. This reduces the IDD active read current from typically 9 mA to typically 3 A. The Auto Low Power mode reduces the typical IDD active read current to the range of 2 mA/MHz of Read cycle time. The device exits the Auto Low Power mode with any address transition or control signal transition used to initiate another Read cycle, with no access time penalty. Note that the device does not enter Auto-Low Power mode after power-up with CE# held steadily low, until the first address transition or CE# is driven high.
Sector/Block-Erase Operation
The Sector- (or Block-) Erase operation allows the system to erase the device on a sector-by-sector (or block-byblock) basis. The SST39VF160x/320x/640x offer both Sector-Erase and Block-Erase mode. The sector architecture is based on uniform sector size of 2 KWord. The BlockErase mode is based on uniform block size of 32 KWord. The Sector-Erase operation is initiated by executing a sixbyte command sequence with Sector-Erase command (30H) and sector address (SA) in the last bus cycle. The Block-Erase operation is initiated by executing a six-byte command sequence with Block-Erase command (50H) and block address (BA) in the last bus cycle. The sector or block address is latched on the falling edge of the sixth WE# pulse, while the command (30H or 50H) is latched on the rising edge of the sixth WE# pulse. The internal Erase operation begins after the sixth WE# pulse. The End-ofErase operation can be determined using either Data# Polling or Toggle Bit methods. See Figures 9 and 10 for timing waveforms and Figure 23 for the flowchart. Any commands issued during the Sector- or Block-Erase operation are ignored. When WP# is low, any attempt to Sector(Block-) Erase the protected block will be ignored. During the command sequence, WP# should be statically held high or low.
Read
The Read operation of the SST39VF160x/320x/640x is controlled by CE# and OE#, both have to be low for the system to obtain data from the outputs. CE# is used for device selection. When CE# is high, the chip is deselected and only standby power is consumed. OE# is the output control and is used to gate data from the output pins. The data bus is in high impedance state when either CE# or OE# is high. Refer to the Read cycle timing diagram for further details (Figure 3).
Erase-Suspend/Erase-Resume Commands
The Erase-Suspend operation temporarily suspends a Sector- or Block-Erase operation thus allowing data to be read from any memory location, or program data into any sector/block that is not suspended for an Erase operation. The operation is executed by issuing one byte command sequence with Erase-Suspend command (B0H). The device automatically enters read mode typically within 20 s after the Erase-Suspend command had been issued. Valid data can be read from any sector or block that is not suspended from an Erase operation. Reading at address location within erase-suspended sectors/blocks will output DQ2 toggling and DQ6 at "1". While in Erase-Suspend mode, a Word-Program operation is allowed except for the sector or block selected for Erase-Suspend.
Word-Program Operation
The SST39VF160x/320x/640x are programmed on a word-by-word basis. Before programming, the sector where the word exists must be fully erased. The Program operation is accomplished in three steps. The first step is the three-byte load sequence for Software Data Protection. The second step is to load word address and word data. During the Word-Program operation, the addresses are latched on the falling edge of either CE# or WE#, whichever occurs last. The data is latched on the rising edge of either CE# or WE#, whichever occurs first. The third step is the internal Program operation which is initiated after the rising edge of the fourth WE# or CE#, whichever occurs
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
2
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications To resume Sector-Erase or Block-Erase operation which has been suspended the system must issue Erase Resume command. The operation is executed by issuing one byte command sequence with Erase Resume command (30H) at any address in the last Byte sequence. ing the completion of an internal Write operation, the remaining data outputs may still be invalid: valid data on the entire data bus will appear in subsequent successive Read cycles after an interval of 1 s. During internal Erase operation, any attempt to read DQ7 will produce a `0'. Once the internal Erase operation is completed, DQ7 will produce a `1'. The Data# Polling is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector-, Block- or Chip-Erase, the Data# Polling is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 6 for Data# Polling timing diagram and Figure 20 for a flowchart.
Chip-Erase Operation
The SST39VF160x/320x/640x provide a Chip-Erase operation, which allows the user to erase the entire memory array to the "1" state. This is useful when the entire device must be quickly erased. The Chip-Erase operation is initiated by executing a sixbyte command sequence with Chip-Erase command (10H) at address 5555H in the last byte sequence. The Erase operation begins with the rising edge of the sixth WE# or CE#, whichever occurs first. During the Erase operation, the only valid read is Toggle Bit or Data# Polling. See Table 6 for the command sequence, Figure 9 for timing diagram, and Figure 23 for the flowchart. Any commands issued during the Chip-Erase operation are ignored. When WP# is low, any attempt to Chip-Erase will be ignored. During the command sequence, WP# should be statically held high or low.
Toggle Bits (DQ6 and DQ2)
During the internal Program or Erase operation, any consecutive attempts to read DQ6 will produce alternating "1"s and "0"s, i.e., toggling between 1 and 0. When the internal Program or Erase operation is completed, the DQ6 bit will stop toggling. The device is then ready for the next operation. For Sector-, Block-, or Chip-Erase, the toggle bit (DQ6) is valid after the rising edge of sixth WE# (or CE#) pulse. DQ6 will be set to "1" if a Read operation is attempted on an Erase-Suspended Sector/Block. If Program operation is initiated in a sector/block not selected in Erase-Suspend mode, DQ6 will toggle. An additional Toggle Bit is available on DQ2, which can be used in conjunction with DQ6 to check whether a particular sector is being actively erased or erase-suspended. Table 1 shows detailed status bits information. The Toggle Bit (DQ2) is valid after the rising edge of the last WE# (or CE#) pulse of Write operation. See Figure 7 for Toggle Bit timing diagram and Figure 20 for a flowchart. TABLE 1: WRITE OPERATION STATUS
Status
Normal Standard Operation Program Standard Erase EraseSuspend Mode Read from Erase-Suspended Sector/Block Read from Non- Erase-Suspended Sector/Block Program
Write Operation Status Detection
The SST39VF160x/320x/640x provide two software means to detect the completion of a Write (Program or Erase) cycle, in order to optimize the system write cycle time. The software detection includes two status bits: Data# Polling (DQ7) and Toggle Bit (DQ6). The End-of-Write detection mode is enabled after the rising edge of WE#, which initiates the internal Program or Erase operation. The actual completion of the nonvolatile write is asynchronous with the system; therefore, either a Data# Polling or Toggle Bit read may be simultaneous with the completion of the write cycle. If this occurs, the system may possibly get an erroneous result, i.e., valid data may appear to conflict with either DQ7 or DQ6. In order to prevent spurious rejection, if an erroneous result occurs, the software routine should include a loop to read the accessed location an additional two (2) times. If both reads are valid, then the device has completed the Write cycle, otherwise the rejection is valid.
DQ7
DQ7# 0 1
DQ6
Toggle Toggle 1
DQ2
No Toggle Toggle Toggle
Data
Data
Data
DQ7#
Toggle
N/A
T1.0 1223
Data# Polling (DQ7)
When the SST39VF160x/320x/640x are in the internal Program operation, any attempt to read DQ7 will produce the complement of the true data. Once the Program operation is completed, DQ7 will produce true data. Note that even though DQ7 may have valid data immediately follow(c)2003 Silicon Storage Technology, Inc.
Note: DQ7 and DQ2 require a valid address when reading status information.
S71223-03-000
11/03
3
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
Data Protection
The SST39VF160x/320x/640x provide both hardware and software features to protect nonvolatile data from inadvertent writes.
Hardware Reset (RST#)
The RST# pin provides a hardware method of resetting the device to read array data. When the RST# pin is held low for at least TRP, any in-progress operation will terminate and return to Read mode. When no internal Program/Erase operation is in progress, a minimum period of TRHR is required after RST# is driven high before a valid Read can take place (see Figure 15). The Erase or Program operation that has been interrupted needs to be reinitiated after the device resumes normal operation mode to ensure data integrity.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5 ns will not initiate a write cycle. VDD Power Up/Down Detection: The Write operation is inhibited when VDD is less than 1.5V. Write Inhibit Mode: Forcing OE# low, CE# high, or WE# high will inhibit the Write operation. This prevents inadvertent writes during power-up or power-down.
Software Data Protection (SDP)
The SST39VF160x/320x/640x provide the JEDEC approved Software Data Protection scheme for all data alteration operations, i.e., Program and Erase. Any Program operation requires the inclusion of the three-byte sequence. The three-byte load sequence is used to initiate the Program operation, providing optimal protection from inadvertent Write operations, e.g., during the system power-up or power-down. Any Erase operation requires the inclusion of six-byte sequence. These devices are shipped with the Software Data Protection permanently enabled. See Table 6 for the specific software command codes. During SDP command sequence, invalid commands will abort the device to read mode within TRC. The contents of DQ15DQ8 can be VIL or VIH, but no other value, during any SDP command sequence.
Hardware Block Protection
The SST39VF1602/3202/6402 support top hardware block protection, which protects the top 32 KWord block of the device. The SST39VF1601/3201/6401 support bottom hardware block protection, which protects the bottom 32 KWord block of the device. The Boot Block address ranges are described in Table 2. Program and Erase operations are prevented on the 32 KWord when WP# is low. If WP# is left floating, it is internally held high via a pull-up resistor, and the Boot Block is unprotected, enabling Program and Erase operations on that block. TABLE 2: BOOT BLOCK ADDRESS RANGES
Product Bottom Boot Block SST39VF1601/3201/6401 Top Boot Block SST39VF1602 SST39VF3202 SST39VF6402 0F8000H-0FFFFFH 1F8000H-1FFFFFH 3F8000H-3FFFFFH
T2.0 1223
Address Range 000000H-007FFFH
Common Flash Memory Interface (CFI)
The SST39VF160x/320x/640x also contain the CFI information to describe the characteristics of the device. In order to enter the CFI Query mode, the system must write three-byte sequence, same as product ID entry command with 98H (CFI Query command) to address 5555H in the last byte sequence. Once the device enters the CFI Query mode, the system can read CFI data at the addresses given in Tables 7 through 10. The system must write the CFI Exit command to return to Read mode from the CFI Query mode.
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
4
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
Product Identification
The Product Identification mode identifies the devices as the SST39VF1601, SST39VF1602, SST39VF3201, SST39VF3202, SST39VF6401, SST39VF6402, and manufacturer as SST. This mode may be accessed software operations. Users may use the Software Product Identification operation to identify the part (i.e., using the device ID) when using multiple manufacturers in the same socket. For details, see Table 6 for software operation, Figure 11 for the Software ID Entry and Read timing diagram and Figure 21 for the Software ID Entry command sequence flowchart. TABLE 3: PRODUCT IDENTIFICATION
Address Manufacturer's ID Device ID SST39VF1601 SST39VF1602 SST39VF3201 SST39VF3202 SST39VF6401 SST39VF6402 0001H 0001H 0001H 0001H 0001H 0001H 234BH 234AH 235BH 235AH 236BH 236AH
T3.2 1223
Security ID
The SST39VF160x/320x/640x devices offer a 256-bit Security ID space. The Secure ID space is divided into two 128-bit segments - one factory programmed segment and one user programmed segment. The first segment is programmed and locked at SST with a random 128-bit number. The user segment is left un-programmed for the customer to program as desired. To program the user segment of the Security ID, the user must use the Security ID Word-Program command. To detect end-of-write for the SEC ID, read the toggle bits. Do not use Data# Polling. Once this is complete, the Sec ID should be locked using the User Sec ID Program Lock-Out. This disables any future corruption of this space. Note that regardless of whether or not the Sec ID is locked, neither Sec ID segment can be erased. The Secure ID space can be queried by executing a threebyte command sequence with Enter Sec ID command (88H) at address 5555H in the last byte sequence. To exit this mode, the Exit Sec ID command should be executed. Refer to Table 6 for more details.
Data BFH
0000H
Product Identification Mode Exit/ CFI Mode Exit
In order to return to the standard Read mode, the Software Product Identification mode must be exited. Exit is accomplished by issuing the Software ID Exit command sequence, which returns the device to the Read mode. This command may also be used to reset the device to the Read mode after any inadvertent transient condition that apparently causes the device to behave abnormally, e.g., not read correctly. Please note that the Software ID Exit/ CFI Exit command is ignored during an internal Program or Erase operation. See Table 6 for software command codes, Figure 13 for timing waveform, and Figures 21 and 22 for flowcharts.
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
5
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
FUNCTIONAL BLOCK DIAGRAM
X-Decoder
SuperFlash Memory
Memory Address
Address Buffer & Latches Y-Decoder
CE# OE# WE# WP# RESET#
I/O Buffers and Data Latches Control Logic DQ15 - DQ0
1223 B1.0
SST39VF6401/6402 SST39VF3201/3202 A15 A14 A13 A12 A11 A10 A9 A8 A19 A20 WE# RST# A21 WP# NC A18 A17 A7 A6 A5 A4 A3 A2 A1 A15 A14 A13 A12 A11 A10 A9 A8 A19 A20 WE# RST# NC WP# NC A18 A17 A7 A6 A5 A4 A3 A2 A1
SST39VF1601/1602 A15 A14 A13 A12 A11 A10 A9 A8 A19 NC WE# RST# NC WP# NC A18 A17 A7 A6 A5 A4 A3 A2 A1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1223 48-tsop P01.3
SST39VF160x/320x/640x A16 NC VSS DQ15 DQ7 DQ14 DQ6 DQ13 DQ5 DQ12 DQ4 VDD DQ11 DQ3 DQ10 DQ2 DQ9 DQ1 DQ8 DQ0 OE# VSS CE# A0
Standard Pinout Top View Die Up
FIGURE 1: PIN ASSIGNMENTS FOR 48-LEAD TSOP
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
6
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
TOP VIEW (balls facing down)
TOP VIEW (balls facing down)
SST39VF1601/1602
SST39VF3201/3202
6 5 4 3 2 1
A13 A12 A14 A9 A8 A10 NC
A15 A16 NC DQ15 VSS A11 DQ7 DQ14 DQ13 DQ6 A19 DQ5 DQ12 VDD DQ4 NC DQ2 DQ10 DQ11 DQ3 A5 A1 DQ0 DQ8 DQ9 DQ1 A0 CE# OE# VSS
1223 48-tfbga B3K P02.0
6 5 4 3 2 1
A13 A12 A14 A9 A8 A10 NC
A15 A16 NC DQ15 VSS A11 DQ7 DQ14 DQ13 DQ6 A19 DQ5 DQ12 VDD DQ4
1223 48-tfbga B3K P02a.2
WE# RST#
WE# RST#
NC WP# A18 A7 A3 A17 A4 A6 A2
NC WP# A18 A20 DQ2 DQ10 DQ11 DQ3 A7 A3 A17 A4 A6 A2 A5 A1 DQ0 DQ8 DQ9 DQ1 A0 CE# OE# VSS
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
TOP VIEW (balls facing down)
SST39VF6401/6402
6 5 4 3 2 1
A13 A12 A14 A9 A8 A10
A15 A16 NC DQ15 VSS A11 DQ7 DQ14 DQ13 DQ6 A19 DQ5 DQ12 VDD DQ4
WE# RST# A21
NC WP# A18 A20 DQ2 DQ10 DQ11 DQ3 A7 A3 A17 A4 A6 A2 A5 A1 DQ0 DQ8 DQ9 DQ1 A0 CE# OE# VSS
1223 4-tfbga B1K P02b.2
ABCDEFGH
FIGURE 2:
PIN ASSIGNMENTS FOR
48-BALL TFBGA
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
7
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications TABLE 4: PIN DESCRIPTION
Symbol AMS1-A0 Pin Name Address Inputs Functions To provide memory addresses. During Sector-Erase AMS-A11 address lines will select the sector. During Block-Erase AMS-A15 address lines will select the block. To output data during Read cycles and receive input data during Write cycles. Data is internally latched during a Write cycle. The outputs are in tri-state when OE# or CE# is high. To protect the top/bottom boot block from Erase/Program operation when grounded. To reset and return the device to Read mode. To activate the device when CE# is low. To gate the data output buffers. To control the Write operations. To provide power supply voltage: 2.7-3.6V Unconnected pins.
T4.2 1223
DQ15-DQ0
Data Input/output
WP# RST# CE# OE# WE# VDD VSS NC
Write Protect Reset Chip Enable Output Enable Write Enable Power Supply Ground No Connection
1. AMS = Most significant address AMS = A19 for SST39VF1601/1602, A20 for SST39VF3201/3202, and A21 for SST39VF6401/6402
TABLE 5: OPERATION MODES SELECTION
Mode Read Program Erase Standby Write Inhibit Product Identification Software Mode VIL VIL VIH See Table 6
T5.0 1223
CE# VIL VIL VIL VIH X X
OE# VIL VIH VIH X VIL X
WE# VIH VIL VIL X X VIH
DQ DOUT DIN X1 High Z High Z/ DOUT High Z/ DOUT
Address AIN AIN Sector or block address, XXH for Chip-Erase X X X
1. X can be VIL or VIH, but no other value.
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
8
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications TABLE 6: SOFTWARE COMMAND SEQUENCE
Command Sequence
Word-Program Sector-Erase Block-Erase Chip-Erase Erase-Suspend Erase-Resume Query Sec ID5
1st Bus Write Cycle Addr1 5555H 5555H 5555H 5555H XXXXH XXXXH 5555H 5555H 5555H 5555H 5555H 5555H XXH Data2 AAH AAH AAH AAH B0H 30H AAH AAH AAH AAH AAH AAH F0H
2nd Bus Write Cycle Addr1 2AAAH 2AAAH 2AAAH 2AAAH Data2 55H 55H 55H 55H
3rd Bus Write Cycle Addr1 5555H 5555H 5555H 5555H Data2 A0H 80H 80H 80H
4th Bus Write Cycle Addr1 WA3 5555H 5555H 5555H Data2 Data AAH AAH AAH
5th Bus Write Cycle Addr1 2AAAH 2AAAH 2AAAH Data2 55H 55H 55H
6th Bus Write Cycle Addr1 SAX4 BAX4 5555H Data2 30H 50H 10H
2AAAH 2AAAH 2AAAH 2AAAH 2AAAH 2AAAH
55H 55H 55H 55H 55H 55H
5555H 5555H 5555H 5555H 5555H 5555H
88H A5H 85H 90H 98H F0H WA6 XXH6 Data 0000H
User Security ID Word-Program User Security ID Program Lock-Out Software ID Entry7,8 CFI Query Entry Software ID Exit9,10 /CFI Exit/Sec ID Exit Software ID Exit9,10 /CFI Exit/Sec ID Exit
T6.6 1223
1. Address format A14-A0 (Hex). Addresses A15-A19 can be VIL or VIH, but no other value, for Command sequence for SST39VF1601/1602, Addresses A15-A20 can be VIL or VIH, but no other value, for Command sequence for SST39VF3201/3202, Addresses A15- A21 can be VIL or VIH, but no other value, for Command sequence for SST39VF6401/6402. 2. DQ15-DQ8 can be VIL or VIH, but no other value, for Command sequence 3. WA = Program Word address 4. SAX for Sector-Erase; uses AMS-A11 address lines BAX, for Block-Erase; uses AMS-A15 address lines AMS = Most significant address AMS = A19 for SST39VF1601/1602, A20 for SST39VF3201/3202, and A21 for SST39VF6401/6402 5. With AMS-A4 = 0; Sec ID is read with A3-A0, SST ID is read with A3 = 0 (Address range = 000000H to 000007H), User ID is read with A3 = 1 (Address range = 000010H to 000017H). Lock Status is read with A7-A0 = 0000FFH. Unlocked: DQ3 = 1 / Locked: DQ3 = 0. 6. Valid Word-Addresses for Sec ID are from 000000H-000007H and 000010H-000017H. 7. The device does not remain in Software Product ID Mode if powered down. 8. With AMS-A1 =0; SST Manufacturer ID = 00BFH, is read with A0 = 0, SST39VF1601 Device ID = 234BH, is read with A0 = 1, SST39VF1602 Device ID = 234AH, is read with A0 = 1, SST39VF3201 Device ID = 235BH, is read with A0 = 1, SST39VF3202 Device ID = 235AH, is read with A0 = 1, SST39VF6401 Device ID = 236BH, is read with A0 = 1, SST39VF6402 Device ID = 236AH, is read with A0 = 1. AMS = Most significant address AMS = A19 for SST39VF1601/1602, A20 for SST39VF3201/3202, and A21 for SST39VF6401/6402 9. Both Software ID Exit operations are equivalent 10. If users never lock after programming, Sec ID can be programmed over the previously unprogrammed bits (data=1) using the Sec ID mode again (the programmed "0" bits cannot be reversed to "1"). Valid Word-Addresses for Sec ID are from 000000H-000007H and 000010H-000017H.
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
9
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications TABLE 7: CFI QUERY IDENTIFICATION STRING1 FOR SST39VF160X/320X/640X
Address 10H 11H 12H 13H 14H 15H 16H 17H 18H 19H 1AH Data 0051H 0052H 0059H 0001H 0007H 0000H 0000H 0000H 0000H 0000H 0000H Data Query Unique ASCII string "QRY"
Primary OEM command set Address for Primary Extended Table Alternate OEM command set (00H = none exists) Address for Alternate OEM extended Table (00H = none exits)
T7.1 1223
1. Refer to CFI publication 100 for more details.
TABLE 8: SYSTEM INTERFACE INFORMATION
Address 1BH 1CH 1DH 1EH 1FH 20H 21H 22H 23H 24H 25H 26H Data 0027H 0036H 0000H 0000H 0003H 0000H 0004H 0005H 0001H 0000H 0001H 0001H Data
FOR
SST39VF160X/320X/640X
VDD Min (Program/Erase) DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts VDD Max (Program/Erase) DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts VPP min. (00H = no VPP pin) VPP max. (00H = no VPP pin) Typical time out for Word-Program 2N s (23 = 8 s) Typical time out for min. size buffer program 2N s (00H = not supported) Typical time out for individual Sector/Block-Erase 2N ms (24 = 16 ms) Typical time out for Chip-Erase 2N ms (25 = 32 ms) Maximum time out for Word-Program 2N times typical (21 x 23 = 16 s) Maximum time out for buffer program 2N times typical Maximum time out for individual Sector/Block-Erase 2N times typical (21 x 24 = 32 ms) Maximum time out for Chip-Erase 2N times typical (21 x 25 = 64 ms)
T8.3 1223
TABLE 9: DEVICE GEOMETRY INFORMATION
Address 27H 28H 29H 2AH 2BH 2CH 2DH 2EH 2FH 30H 31H 32H 33H 34H Data 0015H 0001H 0000H 0000H 0000H 0002H 00FFH 0001H 0010H 0000H 001FH 0000H 0000H 0001H
FOR
SST39VF1601/1602
Data Device size = 2N Bytes (15H = 21; 221 = 2 MByte) Flash Device Interface description; 0001H = x16-only asynchronous interface Maximum number of byte in multi-byte write = 2N (00H = not supported) Number of Erase Sector/Block sizes supported by device Sector Information (y + 1 = Number of sectors; z x 256B = sector size) y = 511 + 1 = 512 sectors (01FF = 511 z = 16 x 256 Bytes = 4 KByte/sector (0010H = 16) Block Information (y + 1 = Number of blocks; z x 256B = block size) y = 31 + 1 = 32 blocks (001F = 31) z = 256 x 256 Bytes = 64 KByte/block (0100H = 256)
T9.0 1223
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
10
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications TABLE 10: DEVICE GEOMETRY INFORMATION
Address 27H 28H 29H 2AH 2BH 2CH 2DH 2EH 2FH 30H 31H 32H 33H 34H Data 0016H 0001H 0000H 0000H 0000H 0002H 00FFH 0003H 0010H 0000H 003FH 0000H 0000H 0001H
FOR
SST39VF3201/3202
Data Device size = 2N Bytes (16H = 22; 222 = 4 MByte) Flash Device Interface description; 0001H = x16-only asynchronous interface Maximum number of byte in multi-byte write = 2N (00H = not supported) Number of Erase Sector/Block sizes supported by device Sector Information (y + 1 = Number of sectors; z x 256B = sector size) y = 1023 + 1 = 1024 (03FFH = 1023) z = 16 x 256 Bytes = 4 KBytes/sector (0010H = 16) Block Information (y + 1 = Number of blocks; z x 256B = block size) y = 63 + 1 = 64 blocks (003FH = 63) z = 256 x 256 Bytes = 64 KBytes/block (0100H = 256)
T10.2 1223
TABLE 11: DEVICE GEOMETRY INFORMATION
Address 27H 28H 29H 2AH 2BH 2CH 2DH 2EH 2FH 30H 31H 32H 33H 34H Data 0017H 0001H 0000H 0000H 0000H 0002H 00FFH 0007H 0010H 0000H 007FH 0000H 0000H 0001H
FOR
SST39VF6401/6402
Data Device size = 2N Bytes (17H = 23; 223 = 8 MByte) Flash Device Interface description; 0001H = x16-only asynchronous interface Maximum number of bytes in multi-byte write = 2N (00H = not supported) Number of Erase Sector/Block sizes supported by device Sector Information (y + 1 = Number of sectors; z x 256B = sector size) y = 2047 + 1 = 2048 sectors (07FFH = 2047) z = 16 x 256 Bytes = 4 KBytes/sector (0010H = 16) Block Information (y + 1 = Number of blocks; z x 256B = block size) y =127 + 1 = 128 blocks (007FH = 127) z = 256 x 256 Bytes = 64 KBytes/block (0100H = 256)
T11.2 1223
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
11
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications Absolute Maximum Stress Ratings (Applied conditions greater than those listed under "Absolute Maximum Stress Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.) Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55C to +125C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65C to +150C D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V to VDD+2.0V Voltage on A9 Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 13.2V Package Power Dissipation Capability (Ta = 25C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W Surface Mount Lead Soldering Temperature (3 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240C Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Outputs shorted for no more than one second. No more than one output shorted at a time.
OPERATING RANGE
Range Commercial Industrial Ambient Temp 0C to +70C -40C to +85C
OF
VDD 2.7-3.6V 2.7-3.6V
AC CONDITIONS
TEST
Input Rise/Fall Time . . . . . . . . . . . . . . 5 ns Output Load . . . . . . . . . . . . . . . . . . . . CL = 30 pF See Figures 17 and 18
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
12
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications TABLE 12: DC OPERATING CHARACTERISTICS VDD = 2.7-3.6V1
Limits Symbol IDD Parameter Power Supply Current Read3 Program and Erase ISB IALP ILI ILIW ILO VIL VILC VIH VIHC VOL VOH Standby VDD Current Auto Low Power Input Leakage Current Input Leakage Current on WP# pin and RST# Output Leakage Current Input Low Voltage Input Low Voltage (CMOS) Input High Voltage Input High Voltage (CMOS) Output Low Voltage Output High Voltage VDD-0.2 0.7VDD VDD-0.3 0.2 18 35 20 20 1 10 10 0.8 0.3 mA mA A A A A A V V V V V V Min Max Units Test Conditions Address input=VILT/VIHT2, at f=5 MHz, VDD=VDD Max CE#=VIL, OE#=WE#=VIH, all I/Os open CE#=WE#=VIL, OE#=VIH CE#=VIHC, VDD=VDD Max CE#=VILC, VDD=VDD Max All inputs=VSS or VDD, WE#=VIHC VIN=GND to VDD, VDD=VDD Max WP#=GND to VDD or RST#=GND to VDD VOUT=GND to VDD, VDD=VDD Max VDD=VDD Min VDD=VDD Max VDD=VDD Max VDD=VDD Max IOL=100 A, VDD=VDD Min IOH=-100 A, VDD=VDD Min
T12.8 1223
1. Typical conditions for the Active Current shown on the front page of the data sheet are average values at 25C (room temperature), and VDD = 3V. Not 100% tested. 2. See Figure 17 3. The IDD current listed is typically less than 2mA/MHz, with OE# at VIH. Typical VDD is 3V.
TABLE 13: RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol TPU-READ1 TPU-WRITE
1
Parameter Power-up to Read Operation Power-up to Program/Erase Operation
Minimum 100 100
Units s s
T13.0 1223
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 14: CAPACITANCE
Parameter CI/O1 CIN
1
(Ta = 25C, f=1 Mhz, other pins open)
Description I/O Pin Capacitance Input Capacitance
Test Condition VI/O = 0V VIN = 0V
Maximum 12 pF 6 pF
T14.0 1223
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 15: RELIABILITY CHARACTERISTICS
Symbol NEND TDR1 ILTH
1 1,2
Parameter Endurance Data Retention Latch Up
Minimum Specification 10,000 100 100 + IDD
Units Cycles Years mA
Test Method JEDEC Standard A117 JEDEC Standard A103 JEDEC Standard 78
T15.2 1223
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter. 2. NEND endurance rating is qualified as a 10,000 cycle minimum for the whole device. A sector- or block-level rating would result in a higher minimum specification.
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
13
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
AC CHARACTERISTICS
TABLE 16: READ CYCLE TIMING PARAMETERS VDD = 2.7-3.6V
SST39VFxx01/xx02-70 Symbol TRC TCE TAA TOE TCLZ1 TOLZ1 TCHZ1 TOHZ1 TOH1 TRP1 TRHR
1
SST39VFxx01/xx02-90 Min 90 Max 90 90 45 0 0 Units ns ns ns ns ns ns 30 30 0 500 50 ns ns ns ns ns 20 s
T16.3 1223
Parameter Read Cycle Time Chip Enable Access Time Address Access Time Output Enable Access Time CE# Low to Active Output OE# Low to Active Output CE# High to High-Z Output OE# High to High-Z Output Output Hold from Address Change RST# Pulse Width RST# High before Read RST# Pin Low to Read Mode
Min 70
Max 70 70 35
0 0 20 20 0 500 50 20
TRY1,2
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter. 2. This parameter applies to Sector-Erase, Block-Erase and Program operations. This parameter does not apply to Chip-Erase operations.
TABLE 17: PROGRAM/ERASE CYCLE TIMING PARAMETERS
Symbol TBP TAS TAH TCS TCH TOES TOEH TCP TWP TWPH1 TCPH1 TDS TDH1 TIDA1 TSE TBE TSCE Parameter Word-Program Time Address Setup Time Address Hold Time WE# and CE# Setup Time WE# and CE# Hold Time OE# High Setup Time OE# High Hold Time CE# Pulse Width WE# Pulse Width WE# Pulse Width High CE# Pulse Width High Data Setup Time Data Hold Time Software ID Access and Exit Time Sector-Erase Block-Erase Chip-Erase 0 30 0 0 0 10 40 40 30 30 30 0 150 25 25 50 Min Max 10 Units s ns ns ns ns ns ns ns ns ns ns ns ns ns ms ms ms
T17.1 1223
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
14
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
TRC ADDRESS AMS-0
TAA
CE#
TCE
OE# VIH WE# TOLZ
TOE
TOHZ TCHZ HIGH-Z DATA VALID
1223 F03.2
DQ15-0
HIGH-Z
TCLZ
TOH DATA VALID
Note:
AMS = Most significant address AMS = A19 for SST39VF1601/1602, A20 for SST39VF3201/3202, and A21 for SST39VF6401/6402
FIGURE 3: READ CYCLE TIMING DIAGRAM
INTERNAL PROGRAM OPERATION STARTS TBP ADDRESS AMS-0 5555 TAH TWP WE# TAS OE# TCH CE# TCS DQ15-0 XXAA SW0
Note:
2AAA
5555
ADDR TDH
TWPH
TDS
XX55 SW1
XXA0 SW2
DATA WORD (ADDR/DATA)
1223 F04.3
AMS = Most significant address AMS = A19 for SST39VF1601/1602, A20 for SST39VF3201/3202, and A21 for SST39VF6401/6402 WP# must be held in proper logic state (VIL or VIH) 1 s prior to and 1 s after the command sequence X can be VIL or VIH, but no other value
FIGURE 4: WE# CONTROLLED PROGRAM CYCLE TIMING DIAGRAM
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
15
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
INTERNAL PROGRAM OPERATION STARTS TBP ADDRESS AMS-0 5555 TAH TCP CE# TAS OE# TCH WE# TCS DQ15-0 XXAA SW0
Note:
2AAA
5555
ADDR TDH
TCPH
TDS
XX55 SW1
XXA0 SW2
DATA WORD (ADDR/DATA)
1223 F05.3
AMS = Most significant address AMS = A19 for SST39VF1601/1602, A20 for SST39VF3201/3202, and A21 for SST39VF6401/6402 WP# must be held in proper logic state (VIL or VIH) 1 s prior to and 1 s after the command sequence X can be VIL or VIH, but no other value
FIGURE 5: CE# CONTROLLED PROGRAM CYCLE TIMING DIAGRAM
ADDRESS AMS-0 TCE CE# TOEH OE# TOE WE# TOES
DQ7
DATA
DATA#
DATA#
DATA
1223 F06.2
Note:
AMS = Most significant address AMS = A19 for SST39VF1601/1602, A20 for SST39VF3201/3202, and A21 for SST39VF6401/6402
FIGURE 6: DATA# POLLING TIMING DIAGRAM
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
16
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
ADDRESS AMS-0 TCE CE# TOEH OE# TOE TOES
WE#
DQ6 and DQ2
TWO READ CYCLES WITH SAME OUTPUTS 1223 F07.3
Note:
AMS = Most significant address AMS = A19 for SST39VF1601/1602, A20 for SST39VF3201/3202, and A21 for SST39VF6401/6402
FIGURE 7: TOGGLE BITS TIMING DIAGRAM
SIX-BYTE CODE FOR CHIP-ERASE ADDRESS AMS-0 5555 2AAA 5555 5555 2AAA 5555
TSCE
CE#
OE# TWP WE#
DQ15-0
XXAA SW0
Note:
XX55 SW1
XX80 SW2
XXAA SW3
XX55 SW4
XX10 SW5
1223 F08.4
This device also supports CE# controlled Chip-Erase operation. The WE# and CE# signals are interchageable as long as minimum timings are met. (See Table 17) AMS = Most significant address AMS = A19 for SST39VF1601/1602, A20 for SST39VF3201/3202, and A21 for SST39VF6401/6402 WP# must be held in proper logic state (VIH) 1 s prior to and 1 s after the command sequence X can be VIL or VIH, but no other value
FIGURE 8: WE# CONTROLLED CHIP-ERASE TIMING DIAGRAM
(c)2003 Silicon Storage Technology, Inc. S71223-03-000 11/03
17
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
SIX-BYTE CODE FOR BLOCK-ERASE ADDRESS AMS-0 5555 2AAA 5555 5555 2AAA BAX
TBE
CE#
OE# TWP WE#
DQ15-0
XXAA SW0
XX55 SW1
XX80 SW2
XXAA SW3
XX55 SW4
XX50 SW5
1223 F09.4
Note: This device also supports CE# controlled Block-Erase operation. The WE# and CE# signals are interchageable as long as minimum timings are met. (See Table 17) BAX = Block Address AMS = Most significant address AMS = A19 for SST39VF1601/1602, A20 for SST39VF3201/3202, and A21 for SST39VF6401/6402 WP# must be held in proper logic state (VIL or VIH) 1 s prior to and 1 s after the command sequence X can be VIL or VIH, but no other value
FIGURE 9: WE# CONTROLLED BLOCK-ERASE TIMING DIAGRAM
SIX-BYTE CODE FOR SECTOR-ERASE ADDRESS AMS-0 5555 2AAA 5555 5555 2AAA SAX
TSE
CE#
OE# TWP WE#
DQ15-0
XXAA SW0
XX55 SW1
XX80 SW2
XXAA SW3
XX55 SW4
XX30 SW5
1223 F10.4
Note: This device also supports CE# controlled Sector-Erase operation. The WE# and CE# signals are interchageable as long as minimum timings are met. (See Table 17) SAX = Sector Address AMS = Most significant address AMS = A19 for SST39VF1601/1602, A20 for SST39VF3201/3202, and A21 for SST39VF6401/6402 WP# must be held in proper logic state (VIL or VIH) 1 s prior to and 1 s after the command sequence X can be VIL or VIH, but no other value
FIGURE 10: WE# CONTROLLED SECTOR-ERASE TIMING DIAGRAM
(c)2003 Silicon Storage Technology, Inc. S71223-03-000 11/03
18
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
Three-Byte Sequence for Software ID Entry ADDRESS A14-0 5555 2AAA 5555 0000 0001
CE#
OE# TWP WE# TWPH DQ15-0 XXAA SW0
Note:
TIDA
TAA XX90 SW2 00BF Device ID
1223 F11.2
XX55 SW1
Device ID = 234BH for 39VF1601, 234AH for 39VF1602, 235BH for 39VF3201, 235AH for 39VF3202, 236BH for 39VF6401, and 236AH for 39VF6402, WP# must be held in proper logic state (VIL or VIH) 1 s prior to and 1 s after the command sequence X can be VIL or VIH, but no other value
FIGURE 11: SOFTWARE ID ENTRY
AND
READ
Three-Byte Sequence for CFI Query Entry ADDRESS A14-0 5555 2AAA 5555
CE#
OE# TWP WE# TWPH DQ15-0 XXAA SW0
Note:
TIDA
TAA XX98 SW2
1223 F12.1
XX55 SW1
WP# must be held in proper logic state (VIL or VIH) 1 s prior to and 1 s after the command sequence X can be VIL or VIH, but no other value
FIGURE 12: CFI QUERY ENTRY
(c)2003 Silicon Storage Technology, Inc.
AND
READ
S71223-03-000 11/03
19
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
THREE-BYTE SEQUENCE FOR SOFTWARE ID EXIT AND RESET
ADDRESS A14-0
5555
2AAA
5555
DQ15-0
XXAA
XX55
XXF0 TIDA
CE#
OE# TWP WE# T WHP SW0
Note:
SW1
SW2
1223 F13.0
WP# must be held in proper logic state (VIL or VIH) 1 s prior to and 1 s after the command sequence X can be VIL or VIH, but no other value
FIGURE 13: SOFTWARE ID EXIT/CFI EXIT
THREE-BYTE SEQUENCE FOR CFI QUERY ENTRY ADDRESS AMS-0 5555 2AAA 5555
CE#
OE# TWP WE# TWPH DQ15-0 XXAA SW0 XX55 SW1 XX88 SW2
1223 F20.1
TIDA
TAA
Note: AMS = Most significant address AMS = A19 for SST39VF1601/1602, A20 for SST39VF3201/3202, and A21 for SST39VF6401/6402 WP# must be held in proper logic state (VIL or VIH) 1 s prior to and 1 s after the command sequence X can be VIL or VIH, but no other value.
FIGURE 14: SEC ID ENTRY
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
20
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
TRP RST#
CE#/OE#
TRHR
1223 F22.1
FIGURE 15: RST# TIMING DIAGRAM (WHEN
NO INTERNAL OPERATION IS IN PROGRESS)
TRP RST# TRY CE#/OE# End-of-Write Detection (Toggle-Bit)
1223 F23.0
FIGURE 16: RST# TIMING DIAGRAM (DURING PROGRAM
OR
ERASE
OPERATION)
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
21
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
VIHT
INPUT
VIT
REFERENCE POINTS
VOT
OUTPUT
VILT
1223 F14.0
AC test inputs are driven at VIHT (0.9 VDD) for a logic "1" and VILT (0.1 VDD) for a logic "0". Measurement reference points for inputs and outputs are VIT (0.5 VDD) and VOT (0.5 VDD). Input rise and fall times (10% 90%) are <5 ns.
Note: VIT - VINPUT Test VOT - VOUTPUT Test VIHT - VINPUT HIGH Test VILT - VINPUT LOW Test
FIGURE 17: AC INPUT/OUTPUT REFERENCE WAVEFORMS
TO TESTER
TO DUT CL
1223 F15.0
FIGURE 18: A TEST LOAD EXAMPLE
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
22
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
Start
Load data: XXAAH Address: 5555H
Load data: XX55H Address: 2AAAH
Load data: XXA0H Address: 5555H
Load Word Address/Word Data
Wait for end of Program (TBP, Data# Polling bit, or Toggle bit operation) Program Completed
1223 F16.0
X can be VIL or VIH, but no other value
FIGURE 19: WORD-PROGRAM ALGORITHM
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
23
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
Internal Timer Program/Erase Initiated
Toggle Bit Program/Erase Initiated
Data# Polling Program/Erase Initiated
Wait TBP, TSCE, TSE or TBE
Read word
Read DQ7
Program/Erase Completed
Read same word
No
Is DQ7 = true data? Yes
No
Does DQ6 match? Yes Program/Erase Completed
Program/Erase Completed
1223 F17.0
FIGURE 20: WAIT OPTIONS
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
24
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
CFI Query Entry Command Sequence
Sec ID Query Entry Command Sequence
Software Product ID Entry Command Sequence Load data: XXAAH Address: 5555H
Load data: XXAAH Address: 5555H
Load data: XXAAH Address: 5555H
Load data: XX55H Address: 2AAAH
Load data: XX55H Address: 2AAAH
Load data: XX55H Address: 2AAAH
Load data: XX98H Address: 5555H
Load data: XX88H Address: 5555H
Load data: XX90H Address: 5555H
Wait TIDA
Wait TIDA
Wait TIDA
Read CFI data
Read Sec ID
Read Software ID
X can be VIL or VIH, but no other value
1223 F21.0
FIGURE 21: SOFTWARE ID/CFI ENTRY COMMAND FLOWCHARTS
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
25
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
Software ID Exit/CFI Exit/Sec ID Exit Command Sequence
Load data: XXAAH Address: 5555H
Load data: XXF0H Address: XXH
Load data: XX55H Address: 2AAAH
Wait TIDA
Load data: XXF0H Address: 5555H
Return to normal operation
Wait TIDA
Return to normal operation
X can be VIL or VIH, but no other value
1223 F18.1
FIGURE 22: SOFTWARE ID/CFI EXIT COMMAND FLOWCHARTS
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
26
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
Chip-Erase Command Sequence Load data: XXAAH Address: 5555H
Sector-Erase Command Sequence Load data: XXAAH Address: 5555H
Block-Erase Command Sequence Load data: XXAAH Address: 5555H
Load data: XX55H Address: 2AAAH
Load data: XX55H Address: 2AAAH
Load data: XX55H Address: 2AAAH
Load data: XX80H Address: 5555H
Load data: XX80H Address: 5555H
Load data: XX80H Address: 5555H
Load data: XXAAH Address: 5555H
Load data: XXAAH Address: 5555H
Load data: XXAAH Address: 5555H
Load data: XX55H Address: 2AAAH
Load data: XX55H Address: 2AAAH
Load data: XX55H Address: 2AAAH
Load data: XX10H Address: 5555H
Load data: XX30H Address: SAX
Load data: XX50H Address: BAX
Wait TSCE
Wait TSE
Wait TBE
Chip erased to FFFFH
Sector erased to FFFFH
Block erased to FFFFH
1223 F19.0
X can be VIL or VIH, but no other value
FIGURE 23: ERASE COMMAND SEQUENCE
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
27
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
PRODUCT ORDERING INFORMATION
SST 39 XX VF 6402 XX XXXX - 70 - XXX 4C XX EK - XXX E X Environmental Attribute E = non-Pb Package Modifier K = 48 balls or leads Package Type E = TSOP (type1, die up, 12mm x 20mm) B3 = TFBGA (6mm x 8mm, 0.8mm pitch) B1 = TFBGA (8mm x 10mm, 0.8mm pitch) Temperature Range C = Commercial = 0C to +70C I = Industrial = -40C to +85C Minimum Endurance 4 = 10,000 cycles Read Access Speed 70 = 70 ns 90 = 90 ns Hardware Block Protection 1 = Bottom Boot-Block 2 = Top Boot-Block Device Density 160 = 16 Mbit 320 = 32 Mbit 640 = 64 Mbit Voltage V = 2.7-3.6V Product Series 39 = Multi-Purpose Flash
Valid Combinations for SST39VF1601 SST39VF1601-70-4C-EK SST39VF1601-70-4C-EKE SST39VF1601-90-4C-EK SST39VF1601-90-4C-EKE SST39VF1601-70-4I-EK SST39VF1601-70-4I-EKE SST39VF1601-90-4I-EK SST39VF1601-90-4I-EKE SST39VF1601-70-4C-B3K SST39VF1601-70-4C-B3KE SST39VF1601-90-4C-B3K SST39VF1601-90-4C-B3KE SST39VF1601-70-4I-B3K SST39VF1601-70-4I-B3KE SST39VF1601-90-4I-B3K SST39VF1601-90-4I-B3KE
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
28
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications Valid Combinations for SST39VF1602 SST39VF1602-70-4C-EK SST39VF1602-70-4C-EKE SST39VF1602-90-4C-EK SST39VF1602-90-4C-EKE SST39VF1602-70-4I-EK SST39VF1602-70-4I-EKE SST39VF1602-90-4I-EK SST39VF1602-90-4I-EKE SST39VF1602-70-4C-B3K SST39VF1602-70-4C-B3KE SST39VF1602-90-4C-B3K SST39VF1602-90-4C-B3KE SST39VF1602-70-4I-B3K SST39VF1602-70-4I-B3KE SST39VF1602-90-4I-B3K SST39VF1602-90-4I-B3KE
Valid Combinations for SST39VF3201 SST39VF3201-70-4C-EK SST39VF3201-70-4C-EKE SST39VF3201-90-4C-EK SST39VF3201-90-4C-EKE SST39VF3201-70-4I-EK SST39VF3201-70-4I-EKE SST39VF3201-90-4I-EK SST39VF3201-90-4I-EKE SST39VF3201-70-4C-B3K SST39VF3201-70-4C-B3KE SST39VF3201-90-4C-B3K SST39VF3201-90-4C-B3KE SST39VF3201-70-4I-B3K SST39VF3201-70-4I-B3KE SST39VF3201-90-4I-B3K SST39VF3201-90-4I-B3KE
Valid Combinations for SST39VF3202 SST39VF3202-70-4C-EK SST39VF3202-70-4C-EKE SST39VF3202-90-4C-EK SST39VF3202-90-4C-EKE SST39VF3202-70-4I-EK SST39VF3202-70-4I-EKE SST39VF3202-90-4I-EK SST39VF3202-90-4I-EKE SST39VF3202-70-4C-B3K SST39VF3202-70-4C-B3KE SST39VF3202-90-4C-B3K SST39VF3202-90-4C-B3KE SST39VF3202-70-4I-B3K SST39VF3202-70-4I-B3KE SST39VF3202-90-4I-B3K SST39VF3202-90-4I-B3KE
Valid Combinations for SST39VF6401 SST39VF6401-70-4C-EK SST39VF6401-70-4C-EKE SST39VF6401-90-4C-EK SST39VF6401-90-4C-EKE SST39VF6401-70-4I-EK SST39VF6401-70-4I-EKE SST39VF6401-90-4I-EK SST39VF6401-90-4I-EKE SST39VF6401-70-4C-B1K SST39VF6401-70-4C-B1KE SST39VF6401-90-4C-B1K SST39VF6401-90-4C-B1KE SST39VF6401-70-4I-B1K SST39VF6401-70-4I-B1KE SST39VF6401-90-4I-B1K SST39VF6401-90-4I-B1KE
Valid Combinations for SST39VF6402 SST39VF6402-70-4C-EK SST39VF6402-70-4C-EKE SST39VF6402-90-4C-EK SST39VF6402-90-4C-EKE SST39VF6402-70-4I-EK SST39VF6402-70-4I-EKE SST39VF6402-90-4I-EK SST39VF6402-90-4I-EKE SST39VF6402-70-4C-B1K SST39VF6402-70-4C-B1KE SST39VF6402-90-4C-B1K SST39VF6402-90-4C-B1KE SST39VF6402-70-4I-B1K SST39VF6402-70-4I-B1KE SST39VF6402-90-4I-B1K SST39VF6402-90-4I-B1KE
Note: Valid combinations are those products in mass production or will be in mass production. Consult your SST sales representative to confirm availability of valid combinations and to determine availability of new combinations.
(c)2003 Silicon Storage Technology, Inc. S71223-03-000 11/03
29
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
PACKAGING DIAGRAMS
1.05 0.95 Pin # 1 Identifier 0.50 BSC
12.20 11.80
0.27 0.17
18.50 18.30
0.15 0.05
DETAIL 1.20 max. 0.70 0.50 20.20 19.80 0- 5 Note: 1. Complies with JEDEC publication 95 MO-142 DD dimensions, although some dimensions may be more stringent. 2. All linear dimensions are in millimeters (max/min). 3. Coplanarity: 0.1 mm 4. Maximum allowable mold flash is 0.15 mm at the package ends, and 0.25 mm between leads. 0.70 0.50
1mm 48-tsop-EK-8
48-LEAD THIN SMALL OUTLINE PACKAGE (TSOP) 12MM SST PACKAGE CODE: EK
X
20MM
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
30
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
TOP VIEW
8.00 0.20
BOTTOM VIEW
5.60 0.80 0.45 0.05 (48X)
6 5 4 3 2 1
0.80 ABCDEFGH A1 CORNER HGFEDCBA 4.00 6.00 0.20
6 5 4 3 2 1
SIDE VIEW
1.10 0.10
A1 CORNER
SEATING PLANE 0.35 0.05
0.12
1mm
Note:
1. Complies with JEDEC Publication 95, MO-210, variant 'AB-1', although some dimensions may be more stringent. 2. All linear dimensions are in millimeters. 3. Coplanarity: 0.12 mm 4. Ball opening size is 0.38 mm ( 0.05 mm) 48-tfbga-B3K-6x8-450mic-4
48-BALL THIN-PROFILE, FINE-PITCH BALL GRID ARRAY (TFBGA) 6MM SST PACKAGE CODE: B3K
X
8MM
(c)2003 Silicon Storage Technology, Inc.
S71223-03-000
11/03
31
16 Mbit / 32 Mbit / 64 Mbit Multi-Purpose Flash Plus SST39VF1601 / SST39VF3201 / SST39VF6401 SST39VF1602 / SST39VF3202 / SST39VF6402
Preliminary Specifications
TOP VIEW
10.00 0.20
BOTTOM VIEW
5.60 0.80
6 5 4 3 2 1 0.80 8.00 0.20 4.00
6 5 4 3 2 1 0.45 0.05 (48X) HGFEDCBA A1 CORNER
ABCDEFGH A1 CORNER
SIDE VIEW
1.10 0.10
0.12 SEATING PLANE 0.35 0.05 Note:
1mm
1. Although many dimensions are similar to those of JEDEC Publication 95, MO-210, this specific package is not registered. 2. All linear dimensions are in millimeters. 3. Coplanarity: 0.12 mm 48-tfbga-B1K-8x10-450mic-4 4. Ball opening size is 0.38 mm ( 0.05 mm)
48-BALL THIN-PROFILE, FINE-PITCH BALL GRID ARRAY (TFBGA) 8MM SST PACKAGE CODE: B1K
X
10MM
TABLE 18: REVISION HISTORY
Number 00 01 02 03 Description Date Mar 2003 Apr 2003 Jun 2003 Nov 2003
* * * * * *
Initial release Corrected Pin 15 from A20 to NC for SST39VF160x in Figure 1 on page 6 Changed data sheet title 2004 Data Book Updated the B3K and B1K package diagrams Added non-Pb MPNs and removed footnote. (See page 28)
Silicon Storage Technology, Inc. * 1171 Sonora Court * Sunnyvale, CA 94086 * Telephone 408-735-9110 * Fax 408-735-9036 www.SuperFlash.com or www.sst.com
(c)2003 Silicon Storage Technology, Inc. S71223-03-000 11/03
32


▲Up To Search▲   

 
Price & Availability of SST39VF3201-90-4I-EK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X